Part Number Hot Search : 
CSD2425 A1S109 CLL131 ZTB389D ML22Q394 ZR35230 UNR2117 SC312
Product Description
Full Text Search
 

To Download BTD1768M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c310m3 issued date : 2007.01.10 revised date : 2013.08.07 page no. : 1/6 BTD1768M3 cystek product specification npn epitaxial planar transistor BTD1768M3 features ? high v ceo , v ceo =80v ? high i c , i c(dc) =1a ? low v ce (sat) ? good current gain linearity ? complementary to btb1198m3 ? pb-free lead plating symbol outline BTD1768M3 sot-89 b base b c e c collector e emitter absolute maximum ratings (ta=25 c) parameter symbol limit unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 5 v collector current (dc) i c 1 a collector current (pulse) i cp 2 (note 1) a 0.6 w 1 (note 2) w power dissipation pd 2 (note 3) w 208 c/w 125 (note 2) c/w thermal resistance, junction to ambient r ja 62.5 (note 3) c/w junction temperature tj 150 c storage temperature tstg -55~+150 c note : 2. when mounted on fr-4 pcb with area measuring 10101 mm 1. single pulse pw Q 350 s, duty Q 2%. 3. when mounted on ceramic with area measuring 40401 mm
cystech electronics corp. spec. no. : c310m3 issued date : 2007.01.10 revised date : 2013.08.07 page no. : 2/6 BTD1768M3 cystek product specification characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo 100 - - v i c =50 a, i e =0 bv ceo 80 - - v i c =1ma, i b =0 bv ebo 5 - - v i e =50 a, i c =0 i cbo - - 1 a v cb =80v. i e =0 i ebo - - 1 a v eb =4v,i c =0 *v ce(sat) - - 0.3 v i c =500ma, i b =20ma *h fe 120 - 390 - v ce =3v, i c =100ma f t - 100 - mhz v ce =10v, i c =50ma, f=100mhz cob - 20 - pf v cb =10v, f=1mhz *pulse test : pulse width 380 s, duty cycle 2% classification of h fe rank q r range 120~270 180~390 ordering information device package shipping BTD1768M3 sot-89 (pb-free lead plating package) 1000 pcs / tape & reel recommended soldering footprint
cystech electronics corp. spec. no. : c310m3 issued date : 2007.01.10 revised date : 2013.08.07 page no. : 3/6 BTD1768M3 cystek product specification typical characteristics current gain vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) current gain--- hfe hfe@vce=2v hfe@vce=3v saturation voltage vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) vcesat@ic=20ib vbesat@ic=20ib on voltage vs collector current 100 1000 1 10 100 1000 collector current---ic(ma) on voltage---(mv) vbe(on)@vce=2v power derating curves 0 0.5 1 1.5 2 2.5 0 50 100 150 200 ambient temperature --- ta( ) power dissipation---pd(w) see note 2 on page 1 see note 1 on page 1
cystech electronics corp. spec. no. : c310m3 issued date : 2007.01.10 revised date : 2013.08.07 page no. : 4/6 BTD1768M3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c310m3 issued date : 2007.01.10 revised date : 2013.08.07 page no. : 5/6 BTD1768M3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c310m3 issued date : 2007.01.10 revised date : 2013.08.07 page no. : 6/6 BTD1768M3 cystek product specification sot-89 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1732 0.1811 4.40 4.60 f 0.0591 typ 1.50 typ b 0.1551 0.1673 3.94 4.25 g 0.1181 typ 3.00 typ c 0.0610 ref 1.55 ref h 0.0551 0.0630 1.40 1.60 d 0.0906 0.1024 2.30 2.60 i 0.0138 0.0173 0.35 0.44 e 0.0126 0.0205 marking: e f g c b a i d h 3 2 1 3-lead sot-89 plastic surface mounted package cystek package code: m3 style: pin 1. base 2. collector 3. emitter product code hfe rank month code: 1~9, a,b,c wafer code 0.32 0.52 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTD1768M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X